PART |
Description |
Maker |
AD7822BRUZ AD7822BRU-REEL AD7822BNZ1 AD7822BR-REEL |
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BL24C512 |
Industrial temperature grades
|
SHANGHAI BELLING CO., L...
|
EKI-2701PSI |
Industrial PoE Splitter with Wide Temperature
|
Advantech Co., Ltd.
|
ICS87951I |
Low Skew, 1-to-9, Clock Generator. Industrial Temperature.
|
ICS
|
9UMS9633BKILFT 9UMS9633BFILFT ICS9UMS9633BI 9UMS96 |
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
|
Integrated Device Technology
|
AD8671ARZ-REEL AD8672ARZ AD8672AR-REEL AD8672ARZ-R |
Single Precision Very Low Noise, Low Input Bias Current, Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 125 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Dual Precision Very Low Noise, Low Input Bias Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FAB0401002 |
Vehicule, industrial and high temperature application. Very low profile
|
Power System Technology
|
ICS83054I |
Low Skew, 4:1, Single-ended Multiplexer.Industrial Temperature.
|
ICS
|
ICS853310 |
Low Skew, 1-to-8, LVPECL Fanout Buffer. Industrial Temperature.
|
ICS
|